PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRL2203 IRL2203N IRL2203NPBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A?
|
International Rectifier
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRF7413A IRF7413ATR |
Power MOSFET(Vdss=30V/ Rds(on)=0.0135ohm) Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm) 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
IRL8113 IRL8113L IRL8113S |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
IRF7303 IRF7303TR |
Generation V Technology 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
|
International Rectifier http://
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|